Part Number Hot Search : 
NPO101J KIA7427P 1N5474 4762A W24NM60N 00R12K M74S240N MCP6471
Product Description
Full Text Search
 

To Download QBH-1424 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF AMPLIFIER MODEL QBH-1424
Features
! ! ! ! Superior Phase Noise Performance Replaces Competitor's "1024" Design Operating Temp. - 55 C to +85 C Environmental Screening Available
CHARACTERISTIC Frequency Gain (dB) Gain Flatness (dB) Power @ 1 dB Comp. (dBm) (10-500 MHz)
(500-1000 MHz)
Available as:
QBH-1424, 4 Pin TO-8 (T4) QBH-5024, 4 Pin Surface Mount (SM3) QBH-9-1424, SMA Connectorized Housing
Typical Intermodulation Performance at 25 C
Second Order Harmonic Intercept Point ....... +45 dBm (Typ.) Second Order Two Tone Intercept Point ........ +39 dBm (Typ.) Third Order Two Tone Intercept Point ............ +32 dBm (Typ.)
Specifications
TYPICAL Ta= 25 C 10 - 1000 MHz 13.0 0.75 26.0 24.0 -17 5.5 1.5:1 1.5:1 +15 155 MIN/MAX Ta = -55 C to +85 C 10 - 1000 MHz 12.0 Min. 0.75 Max. 24.0 Min. 21.5 Min. -15 Max. 7.0 Max. 2.0:1 Max. 2.0:1 Max. +15 175 Max.
Maximum Ratings
Ambient Operating Temperature .............. -55C to + 100 C Storage Temperature ............................... -62C to + 125 C Case Temperature ................................................. + 125 C DC Voltage ......................................................... + 17 Volts Continuous RF Input Power ................................. + 13 dBm Short Term RF Input Power ..... 50 Milliwatts (1 Minute Max.) Maximum Peak Power ................... 0.1 Watt (3 sec Max.)
Note: Care should always be taken to effectively ground the case of each unit.
Reverse Isolation (dB) Noise Figure (dB) VSWR Power In Out Vdc mA
Typical Performance Data
15 14 13 12 11
Start 10 MHz Stop 1000 MHz
Gain (dB)
0 -10 -20 -30 -40
Reverse Isolation (dB)
Noise Figure (dB)
8 7 6 5 4
Start 10 MHz
Stop 1000 MHz
Start 10 MHz
Stop 1000 MHz
+28 +26 +24 +22 +20
Start 10 MHz
1 dB Comp. (dBm)
2.0 1.5
Input VSWR
2.0
Output VSWR
1.5
1.0
Stop 1000 MHz Start 10 MHz Stop 1000 MHz
1.0
Start 10 MHz
Stop 1000 MHz
Legend
+ 25 C
+ 85 C - - - - - - -55 C
Spectrum Microwave * 2144 Franklin Drive N.E. * Palm Bay, Florida 32905 * PH (888) 553-7531 * Fax (888) 553-7532
www.SpectrumMicrowave.com Spectrum Microwave * 2707 Black Lake Place * Philadelphia, Pa. 19154 * PH (215) 464-4000 * Fax (215) 464-4001
06/29/06


▲Up To Search▲   

 
Price & Availability of QBH-1424

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X